Part Number Hot Search : 
D221K KA2983 SSA150 27C040 R321142 SK520 1SMA5927 CXA1207
Product Description
Full Text Search
 

To Download 2SA1041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SA1041 description with to-3 package high transition frequency excellent safe operating area applications power switching applications high frequency power amplifier switching regulators dc-dc converters pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -7 v i c collector current -15 a p c collector power dissipation t c =25 100 w t j junction temperature 175 t stg storage temperature -55~200 fig.1 simplified outline (to-3) and symbol www..net
inchange semiconductor product specification silicon pnp power transistors 2SA1041 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma ;i b =0 -120 v v (br)cbo collector-base breakdown voltage i c =-0.1ma ;i e =0 -120 v v (br)ebo emitter-base breakdown voltage i e =-0.1ma ;i c =0 -7 v v cesat collector-emitter saturation voltage i c =-7a; i b =-0.7a -1.5 v v besat base-emitter saturation voltage i c =-7a; i b =-0.7a -1.8 v i cbo collector cut-off current v cb =-120v; i e =0 -50 a i ebo emitter cut-off current v eb =-7v; i c =0 -50 a h fe dc current gain i c =-1.5a ; v ce =-5v 35 200 c ob output capacitance i e =0 ; v cb =-10v;f=1.0mhz 350 pf f t transition frequency i c =-1a ; v ce =-10v 60 mhz 2
inchange semiconductor product specification silicon pnp power transistors 2SA1041 package outline 3 fig.2 outline dimensions (unindicated tolerance: 0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SA1041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X